PART |
Description |
Maker |
BCP52M |
PNP Silicon AF Transistor for AF driv...
|
Infineon
|
SP5511 SP5511NADP SP5511SNAMP |
1.3GHz Bi-Directional I2C Bus 4-Address Synthesizer Bidirectional I2C Bus 4-Address Synthesiser
|
ZARLINK[Zarlink Semiconductor Inc] Zarlink Semiconductor Inc.
|
IMP525 |
Sing Single Cell Batt le Cell Batterery Powered Electroluminescent Lamp Driv er/Inverter(单节电池供电的电致发光(EL)灯驱动反相
|
IMP
|
M66009FP M66009E |
From old datasheet system 8BIT I/O EXPANDER WITH 5BIT ADDRESS 8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FX403 FX403-Q |
QTC Address and Data Encoder/Decoder QTC ADDRESS & DATA
|
CONSUMER MICROCIRCUITS LIMITED CML Microcircuits
|
N74F8966A N74F8965A 74F8965 74F8966 |
9-Bit address/data Futurebus transceiver, ADT 9-Bit address/data Futurebus transceiver ADT 16-Bit Ultra-Low-Power MCU, 16kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 F/FAST SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQCC44
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
TC4423 TC4424 TC4425 |
The TC4423/4424/4425 are higher output current versions of the new TC4426/4427/4428 buffer/drivers, which, in turn, are improved versions of the earlier TC426/427/428 series. All three families are pin-compatible. The TC4423/4424/4425 driv
|
Microchip
|
HD74ALVCH16831 |
1-to 4 Address Register / Driver with 3-state Outputs 1-to 4 Address Register / Driver with 3-state Outputs(三态输-4地址寄存驱动 14地址寄存 3驱动器的状态输出(三态输-4地址寄存驱动器)
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
DM74ALS137N DM74ALS137 DM74ALS137M DM74ALS137MX |
3-Line to 8-Line Decoder/Demultiplexer with Address Latches From old datasheet system 3 to 8 Line Decoder/Demultiplexer with Address Latches
|
FAIRCHILD[Fairchild Semiconductor]
|
AV162731DL 74ALVT162731 74ALVT162731DGG 74ALVT1627 |
2.5V/3.3V 1-to-4 address register/driver with 30ohm termination resistors 3-State 2.5V/3.3V 1-to-4 address register/driver with 30 Ohm termination resistors (3-State)
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
FX103 |
QTC Address Decoder
|
CONSUMER MICROCIRCUITS LIMITED
|